PART |
Description |
Maker |
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5744R AD5744RCSUZ AD5744RCSUZ-REEL7 AD5744RBSUZ |
Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices AD
|
AD5744 |
Complete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output D/A Converter
|
Analog Devices
|
ADADC71 ADADC72 ADADC72JD ADADC72AD ADADC72KD ADAD |
Complete/ High Resolution 16-Bit A/D Converters Analog-to-Digital Converter16-Bit 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 PWM LED Driver and Boost, Flyback and SEPIC Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-24 Complete, High Resolution 16-Bit A/D Converters Complete,High Resolution 16 Bit ADC(完备高分辨率16位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
AD392 AD392-15 |
O/AConverter withReadback Complete Quad 12-Bit D/A Converter with Readback
|
Analog Devices
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|
ENHANCEDAM486DX4 ENHANCEDAM486DX2 A80486DX2-66SV8B |
32-BIT, 66 MHz, MICROPROCESSOR, CPGA168 High-Performance Design On-Chip Integration Complete 32-Bit Architecture Micrprocessor(高性能单片32位微处理 High-Performance Design On-Chip Integration Complete 32-Bit Architecture Micrprocessor(高性能设计片上集成完全32位体系微处理
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AD5754 AD5754AREZ AD5754AREZ-REEL7 AD5754BREZ AD57 |
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
|
Analog Devices
|
AD364RJ AD364 AD363 AD364RTD AD363RK AD363RKD AD36 |
Complete 16-Channel,12-Bit Data Acquisition System 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP64 Complete 16-Channel,12-Bit Data Acquisition System 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP60 Circular Connector; No. of Contacts:19; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS Complete 16-Channel, 12-Bit Data Acquisition Systems
|
Analog Devices, Inc. http:// AD[Analog Devices]
|